Part Number Hot Search : 
SMH4804 CM110 BFG540XR 25006 N2220L8 TC622VAT XMQSMCJL MC16A
Product Description
Full Text Search
 

To Download SSL1306T-150M-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  yageo corporation smd inductor / beads ssl1306 series smd power inductors 18.54 +0 15.24 +0 3r d. 2nd. 1st. 7.11 +0 12.7 2.54 2.54 ssl - - p r od uct i d e n ti f icati on international no. tolerance inductance packaging style dimensions product symbol sha p es a nd d i m e n si on s dimensions : mm features high energy storage and very low resistance. smallest size and high performance ? packaging: t : tape and reel ? tolerance: m: 20% ? note: yageo will start to release ssl series inductors with lead-free terminals which meet sony ss-00259's criteria for lead- free product in q2 of 2004, and yageo internal no will be changed to n as identifcation. ex. ssl04lp-1r2m-n e lectrical c haracteristics p art no . i nd uc ta n ce sr f d c isat ** irms *** ( h 20%) * ( m hz) resista n ce (a) (a) ( ? +0 ) ssl1306t-1r0m-s 1.0 80 0.011 20 8.6 ssl1306t-2r2m-s 2.2 80 0.014 16 7.1 ssl1306t-3r3m-s 3.3 60 0.016 14 6.2 ssl1306t-5r6m-s 5.6 40 0.022 12 5.3 ssl1306t-100m-s 10 30 0.032 10 4.3 ssl1306t-150m-s 15 22 0.036 8.0 4.0 ssl1306t-220m-s 22 20 0.047 7.0 3.5 ssl1306t-330m-s 33 15 0.066 5.5 3.0 ssl1306t-470m-s 47 9 0.087 4.5 2.6 ssl1306t-680m-s 68 8 0.13 3.5 2.3 ssl1306t-101m-s 100 7 0.19 3.0 1.8 ssl1306t-151m-s 150 6 0.25 2.6 1.5 ssl1306t-221m-s 220 5 0.38 2.4 1.2 ssl1306t-331m-s 330 4 0.56 1.9 1.0 ssl1306t-471m-s 470 3 0.85 1.4 0.82 ssl1306t-681m-s 680 2.5 1.2 1.2 0.72 ssl1306t-102m-s 1000 2 1.8 1.0 0.56 * inductance tested at 0.1 vrms, 100 khz ** inductance drop = 10% typ. at isat. *** ?t = 40c rise typ at irms. operating temperature range -40c to +85c for ssl series provide excellent current carrying capabilities in a small footprint. they have a fat top for reliable pick and place operations and features robust temperature defection. in addition to the standard versions shown here, custom inductors are available to meet your exact require - ment. app licati on s notebook computers, sep-up and step-down converters flash, memory programmers. etc...
271 electrical characteristics : l ea d-f ree & r o hs c omp lia n ce p art no . i nd ucta n ce t est r dc isat i rms sr f freque n cy (?) (a) (a) (nh) (mhz) (khz)typ. ssl1306t-1r0 -n 1 100khz,0.1v 0.011+15% 20 8.6 80 ssl1306t-2r2 -n 2.2 100khz,0.1v 0.014+15% 16 7.1 80 ssl1306t-3r3 -n 3.3 100khz,0.1v 0.016+15% 14 6.2 60 ssl1306t-5r6 -n 5.6 100khz,0.1v 0.022+15% 12 5.3 40 ssl1306t-100 -n 10 100khz,0.1v 0.032+15% 10 4.3 30 ssl1306t-150 -n 15 100khz,0.1v 0.036+15% 8 4 22 ssl1306t-220 -n 22 100khz,0.1v 0.047+15% 7 3.5 20 ssl1306t-330 -n 33 100khz,0.1v 0.066+15% 5.5 3 15 ssl1306t-470 -n 47 100khz,0.1v 0.087+15% 4.5 2.6 9 ssl1306t-680 -n 68 100khz,0.1v 0.13+15% 3.5 2.3 8 ssl1306t-101 -n 100 100khz,0.1v 0.19+15% 3 1.8 7 ssl1306t-151 -n 150 100khz,0.1v 0.25+15% 2.6 1.5 6 ssl1306t-221 -n 220 100khz,0.1v 0.38+15% 2.4 1.2 5 ssl1306t-331 -n 330 100khz,0.1v 0.56+15% 1.9 1 4 ssl1306t-471 -n 470 100khz,0.1v 0.85+15% 1.4 0.82 3 ssl1306t-681 -n 680 100khz,0.1v 1.2+15% 1.2 0.72 2.5 ssl1306t-102 -n 1000 100khz,0.1v 1.8+15% 1 0.56 2 note : -tolerance m=20% 1.operating temperature range -40c~85c 2.inductance drop 20% typ. at last 4. ?t=40c rise typ.at irms. "-n"for completely lead free type(including ferrite body & solder)
272 reel d i m e n si on s ty p e reel qua n tity d i m e n si on s /reel a b c d 178 330 ssl0402 330 100 13 13.4 - 2500 178 60 13.2 750 - ssl0802 330 100 13 24.4 - 1000 ssl0804 330 100 13 24.4 - 750 ssl0810 330 100 13 24.4 - 225 ssl1306 330 100 13 33.4 - 250 c b a d r ec omm e nd e d patter n rec omm e nd e d p atter n a b c d ssl0402 6.86 4.06 3.58 1.40 ssl0802 13.21 7.37 2.79 2.92 ssl0804 13.21 7.37 2.79 2.92 ssl0810 13.21 7.37 2.79 2.92 ssl1306 18.29 12.45 2.79 2.92 c a b d ta p e m aterial carrier tape : polystyrene cover type : polyethylene 160mm min. blank par t cov er t ap e chip mounting par t blank 330mm min. leader t a p e di m e n si on s ty p e ta p e d i m e n si on s k 0 d e w p p 0 p 2 ssl0402 3.2 1.55 1.75 12 8 4 2 ssl0802 3.75 1.55 1.75 24 16 4 2 ssl0804 5.4 1.55 1.75 24 16 4 2 ssl0810 11.5 1.55 1.75 24 20 4 2 ssl1306 7.5 1.55 1.75 32 20 4 2 w p0 p p2 k0 k0 plastic paper e d dimensions : mm dimensions : mm dimensions : mm land pattern
273 ssl series reliability test 1-1 m echa n ical p er fo r m a n ce no. item specification test conditions 1-1-1 vibration appearance : no damage test device shall be soldered on the substrate. l change : within 10% oscillation frequency : 10 to 55 to 10hz for 1min. q change : within 30% amplitude : 1.5mm rdc : within specifcation time : 2hrs. for each axis (x, y & z), total 6hrs. 1-1-2 resistance to appearance : no damage pre-heating : 150c, 1min. soldering heat solder composition : sn/pb = 63/37 solder temperature : 260 5c immersion time : 10 1sec. 1-1-3 solderability the electrodes shall be at least 90% covered pre-heating : 150c, 1min. with new solder coating. solder composition : sn/pb = 63/37 solder temperature : 230 5c immersion time : 4 1sec. 1-2 e n vir onm e n tal p er fo r m a n ce no. item specification test conditions 1-2-1 temperature shock appearance : no damage 10 cycles (air to air) 1 cycles shall consist of : l change : within 10% 30min. exposure to -55c l change : within 30% 30min. exposure to 125c rdc : within specifcation 15sec. max. transition between temperatures measured after exposure in the room condition for 24hrs. 1-2-2 temperature cycle one cycle step temperature ( c) time (min.) 1 -25 3 30 2 25 2 3 3 85 3 30 4 25 2 3 total : 100 cycles measured after exposure in the room condition for 24hrs. 1-2-3 humidity resistance temperature : 40 2c relative humidity : 90 ~ 95% time : 1000hrs. measured after exposure in the room condition for 24hrs. 1-2-4 high temperature temperature : 85 3c resistance relative humidity : 20% applied current : rated current time : 1000hrs. measured after exposure in the room condition for 24hrs. 1-2-5 low temperature temperature : -25 3c resistance relative humidity : 0% time : 1000hrs. measured after exposure in the room condition for 24hrs.
274 ty p ical electrical characteristics curves of ssl series test instruments : ssl0400, induct ance vs. frequency char ac teristics 1 1000 10000 100 10 100000 l (uh ) 0 40 20 60 100 80 160 120 140 frequency (khz) 47uh 22uh 68uh ssl0402, induct ance vs. frequency char ac teristics 0 1600 1400 1200 1000 800 600 400 200 1 1000 100 10 10000 l (uh ) frequency (khz) 470u h 330u h 680u h ssl0402, q vs. frequency chara cteristics 0 300 200 100 400 500 600 700 0 0 .3 0. 4 0 .5 0.1 0.2 0. 6 idc (a) l (uh ) 470u h 330uh 680uh ssl0802, induct ance vs. frequency chara cteristic s 0 20 10 30 50 40 60 1 1000 1000 0 100 10 100000 frequency (khz) l (uh) 15uh 10uh 47uh idc (a ) ssl0802, q vs. frequency chara cteristics 0 10 20 30 40 50 60 0 3 3. 5 4 4. 5 5 5. 5 1 1.5 0.5 2 2 .5 6 l (uh) 15uh 10uh 47uh ssl0400, q vs. frequency chara cteristics 0 40 30 20 10 50 60 7 0 80 0 0 .6 0. 8 1 0.2 0.4 1. 2 idc (a) l (uh ) 47uh 22uh 68uh ssl0810 , induct ance vs. frequency chara cteristic s l (uh ) 0 50 0 1000 2000 1500 1 1 00 0 10 0 10 1000 0 frequency (khz) 470u h 150u h 680uh ssl1306 , induct ance vs. frequency chara cteristics 0 60 0 20 0 80 0 1200 1000 1400 40 0 l (uh ) 1 1 00 0 10 0 10 1000 0 frequency (khz) 470uh 100u h 680uh ssl1306 , q vs. frequency chara cteristics 0 40 0 30 0 20 0 10 0 50 0 60 0 700 80 0 0 3 4 5 6 7 1 2 8 idc(a) l (uh ) 470uh 100u h 680uh ssl0810 , q vs. frequency chara cteristics 0 40 30 20 10 50 60 7 0 80 0 1 .5 2 2 .5 3 4 3. 5 0. 5 1 4. 5 idc(a) l (uh ) 470u h 150u h 680u h ssl0804 , induct ance vs. frequency chara cteristic s 0 15 5 20 30 25 35 10 1 1 00 0 1 0000 10 0 10 100000 frequency (khz) l (uh ) 6.8u h 4.7uh 10uh idc(a) ssl0804 , q vs. frequency chara cteristic s 0 2 4 6 8 10 12 0 3 4 5 6 7 8 1 2 9 l (uh ) 6.8u h 4.7uh 10uh
275 temperature c for: lead solder for: lead-free solder time:second pre-heating 60 second 120 second 80 second 5~10 second soldering natural cooling 260 c 230 c 160 c 150 c c c for:cl/ clh/ sqv/ smd power inductors/ smd chip beads/ smd filters, transformers, current sensors


▲Up To Search▲   

 
Price & Availability of SSL1306T-150M-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X